PART |
Description |
Maker |
51021-0300 51021-1400 51021-0600 |
Crimp Housing, 1.25 mm Pitch Wire-To-Board System, 3 Circuits 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Crimp Pin Contact; Number of Contacts:14; Pitch Spacing:0.049"; Number of Rows:1; Mounting Type:Header; Body Material:PBT Polyester; Color:Natural; Gender:Female 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE RECEPTACLE HOUSING, 6WAY 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
10-31-1068 |
Header; Number of Contacts:6; Pitch Spacing:5mm; Number of Rows:1; Series:SPOX; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
90121-0132 90121-0145 90121-0123 90121-0960 90121- |
Header; Number of Contacts:12; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid SR RA Pn 6.75/2.90mm Tn-A 25Ckt 25 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 3POS .100 R/A TIN 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid SR RA Pn 6.75/2.90mm Au-F 40Ckt 40 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:5; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid SR RA Pn 6.75/2.90mm Au-F 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid SR RA Pn 6.75/2.90mm Au-F 15Ckt 15 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid SR RA Pn 6.75/2.90mm Au-F 4Ckt 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin
|
Molex, Inc. MOLEX INC
|
0440671402 44067-1402 SD-44067-001 |
3.00mm (.118) Pitch Micro-Fit 3.0?/a> Wire-to-Board Header 3.00mm (.118) Pitch Micro-Fit 3.0 Wire-to-Board Header 3.00mm (.118") Pitch Micro-Fit 3.0垄芒 Wire-to-Board Header MOLEX Connector
|
Molex Electronics Ltd.
|
1709610000 |
Terminal Block; Pitch Spacing:0.2"; Wire Size (AWG):26-12; Mounting Type:PC Board; Current Rating:15A; Leaded Process Compatible:Yes; Number of Rows:1; Voltage Rating:300V 3 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SCREW, PLUG
|
Weidmuller, Corp.
|
39355-0019 39355-0018 39355-0016 39353-0008 39353- |
Header; Number of Contacts:19; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:18; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:16; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SR HDR 3 5CE 8 ASY ST 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Terminal Block,PCB Mount,RECEPT,4 Contacts,PIN,GUIDE SLOT 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 3.5MM 11POS VERT PCB CONN HEADER 3.5MM 5POS VERT PCB
|
Molex, Inc. MOLEX INC
|
53015-0610 0530150610 |
2.00mm (.079) Pitch MicroBlade Wire-to-Board Header, Right Angle, 6 Circuits 2.00mm (.079") Pitch MicroBlade垄芒 Wire-to-Board Header, Right Angle, 6 Circuits
|
Molex Electronics Ltd.
|
0530151210 53015-1210 |
2.00mm (.079) Pitch MicroBlade Wire-to-Board Header, Right Angle, 12 Circuits 2.00mm (.079") Pitch MicroBlade垄芒 Wire-to-Board Header, Right Angle, 12 Circuits
|
Molex Electronics Ltd.
|
53015-0510 0530150510 |
2.00mm (.079) Pitch MicroBlade Wire-to-Board Header, Right Angle, 5 Circuits 2.00mm (.079") Pitch MicroBlade垄芒 Wire-to-Board Header, Right Angle, 5 Circuits
|
Molex Electronics Ltd.
|
53014-0510 0530140510 |
2.00mm (.079) Pitch MicroBlade Wire-to-Board Header, Vertical, 5 Circuits 2.00mm (.079") Pitch MicroBlade垄芒 Wire-to-Board Header, Vertical, 5 Circuits
|
Molex Electronics Ltd.
|
43650-0403 43650-0704 |
Multipole Connector; Number of Contacts:4; Pitch Spacing:3mm; Number of Rows:1; Gender:Header; Series:43650; Body Material:LCP Liquid Crystal Polymer, Glass-filled; Connecting Termination:Thru-Hole POWER CONNECTOR CONN HEADER 7POS 3MM RT ANG AU
|
Molex, Inc. MOLEX INC
|
22-12-4182 0022124182 AE-7395-18BG 739518BG |
2.54mm (.100) Pitch KK? Wire-to-Board Header, Right Angle, with Friction Lock, 18 Circuits 2.54mm (.100) Pitch KK庐 Wire-to-Board Header, Right Angle, with Friction Lock, 18 Circuits 2.54mm (.100) Pitch KK垄莽 Wire-to-Board Header, Right Angle, with Friction Lock, 18 Circuits
|
Molex Electronics Ltd.
|
|